|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FERROXCUBE DATA SHEET ER23/3.6/13 Planar ER cores and accessories Supersedes data of September 2004 2008 Sep 01 Ferroxcube Planar ER cores and accessories CORE SETS Effective core parameters SYMBOL (I/A) Ve Ie Ae Amin m PARAMETER core factor (C1) effective volume effective length effective area minimum area mass of core half VALUE 0.530 1340 26.6 50.2 50.0 3.2 UNIT mm-1 mm3 mm mm2 mm2 g 23.2 0.45 20.2 0.4 17.5 min 8.0 0.2 1.6 0.1 ER23/3.6/13 3.6 0.1 12.5 0.25 R0.8 (8x) Dimensions in mm. MFP029 Fig.1 ER23/3.6/13 core half. Core sets for general purpose transformers and power applications Clamping force for AL measurements, 20 10 N. GRADE 3C92 AL (nH) 250 3 % 400 5 % 630 8 % 2800 25 % 3C93 3C95 3C96 3200 25 % 4460 25 % 250 3 % 400 5 % 630 8 % 3400 25 % 3F3 3F35 3400 25 % 250 3 % 400 5 % 630 8 % 2600 25 % 3F4 3F45 1850 25 % 1850 25 % e 105 169 266 1180 1350 1880 105 169 266 1180 1180 105 169 266 1180 840 840 AIR GAP (m) 260 150 85 0 0 0 270 155 90 0 0 260 150 85 0 0 0 TYPE NUMBER ER23/3.6/13-3C92-A250-S ER23/3.6/13-3C92-A400-S ER23/3.6/13-3C92-A630-S ER23/3.6/13-3C92-S ER23/3.6/13-3C93-S ER23/3.6/13-3C95-S ER23/3.6/13-3C96-A250-S ER23/3.6/13-3C96-A400-S ER23/3.6/13-3C96-A630-S ER23/3.6/13-3C96-S ER23/3.6/13-3F3-S ER23/3.6/13-3F35-A250-S ER23/3.6/13-3F35-A400-S ER23/3.6/13-3F35-A630-S ER23/3.6/13-3F35-S ER23/3.6/13-3F4-S ER23/3.6/13-3F45-S 2008 Sep 01 2 Ferroxcube Planar ER cores and accessories Properties of core sets under power condition B (mT) at GRADE H = 250 A/m; f = 25 kHz; T = 100 C 370 320 320 340 300 300 f = 100 kHz; f = 100 kHz; B = 100 mT; B = 200 mT; T = 100 C T = 25 C 0.11 0.11(1) - 0.070 0.15 - - - 0.87 - - - CORE LOSS (W) at f = 100 kHz; B = 200 mT; T = 100 C 0.70 0.70 (1) 0.82 0.52 - - f = 400 kHz; B = 50 mT; T = 100 C - - - - 0.31 - ER23/3.6/13 f = 500 kHz; B = 50 mT; T = 100 C - - - 0.44 - 0.16 f = 500 kHz; B = 100 mT; T = 100 C - - - - - 1.2 3C92 3C93 3C95 3C96 3F3 3F35 1. Measured at 140 C. Properties of core sets under power condition (continued) B (mT) at GRADE H = 1200 A/m; f = 25 kHz; T = 100 C 250 250 f = 1 MHz; B = 30 mT; T = 100 C 0.4 0.31 CORE LOSS (W) at f = 1 MHz; B = 50 mT; T = 100 C - 1.15 f = 3 MHz; B = 10 mT; T = 100 C 0.64 0.53 3F4 3F45 MOUNTING INFORMATION 23.85 min 19.6 max 17.3 max 8.35 min 12.95 min R0.6 max (8x) MFP031 Fig.2 Recommended PCB cut-out for ER23/3.6/13 cores. Winding data for ER23/3.6/13 planar core WINDING AREA (mm2) 19.5 2008 Sep 01 AVERAGE TRACK LENGTH (mm) 44.3 3 FOOTPRINT AREA (mm2) 375 Ferroxcube Planar ER cores and accessories DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS ER23/3.6/13 This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. Production DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability. 2008 Sep 01 4 |
Price & Availability of ER23-3C92-A250-S |